Part Number Hot Search : 
H838602 JXXAA1 TA7326F TC200 7456M Z1SMA62 EN25QH16 TDF1779A
Product Description
Full Text Search
 

To Download 2N292002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2920
Silicon NPN Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N2920J) * JANTX level (2N2920JX) * JANTXV level (2N2920JV) * JANS level (2N2920JS) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV and JANS * Radiation testing (total dose) upon request
Applications
* General purpose * Matched Dual transistors * NPN silicon transistor
Features
* * * * Hermetically sealed TO-78 metal can Also available in chip configuration Chip geometry 0307 Reference document: MIL-PRF-19500/355
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25C Derate linearly above 25C Power Dissipation, TC = 25C Derate linearly above 25C Operating Junction Temperature Storage Temperature
Copyright 2002 Rev. H
* Qualification Levels: JAN, JANTX, JANTXV and JANS * Radiation testing available
TC = 25C unless otherwise specified
Symbol VCEO VCBO VEBO IC PT
Rating 60 70 5 50 300 one section 600 both sections 1.71one section 3.43 both sections 750 one section 1.5 both sections 4.286 one section 7.14 both sections -65 to +200
Unit Volts Volts Volts mA mW mW/C MW W mW/C C
PT TJ TSTG Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N2920
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE2-1/hFE2-2 |VBE1-VBE2|1 |VBE1-VBE2|2 |VBE1-VBE2|3 |VBE1-VBE2|1 |VBE1-VBE2|2 VBEsat1 VCEsat1 Test Conditions IC = 10 A, VCE = 5 Volts IC = 100 A, VCE = 5 Volts IC = 1 mA, VCE = 5 Volts IC = 10 A, VCE = 5 Volts TA = -55C IC = 100 A, VCE = 5 Volts VCE = 5 Volts, IC = 10 A VCE = 5 Volts, IC = 100 A VCE = 5 Volts, IC = 1 mA VCE = 5 Volts, IC = 100 A TA = 25 C and -55C TA = 25 C and +125C IC = 1 mA, IB = 100 A IC = 1 mA, IB = 100 A Symbol V(BR)CEO ICBO1 ICBO2 ICBO3 ICEO IEBO1 IEBO2 Test Conditions IC = 10 mA VCB = 70 Volts VCB = 45 Volts VCB = 45 Volts, TA = 150C VCE = 5 Volts VEB = 6 Volts VEB = 5 Volts Min 60 10 2 2.5 2 10 2 Min 175 235 300 50 0.9 Typ Max 600 800 1,000 1.0 5 3 5 0.8 1 1.0 0.3 Typ Max Units Volts A nA A nA A nA Units
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Base-Emitter Voltage differential Base-Emitter Voltage differential at temperature Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics
mVolts
mVolts Volts Volts
0.5
Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Small Signal Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance
Symbol |hFE1| hFE COBO
Noise Figure
Short Circuit Input Impedance Open Circuit Output Admittance Open Circuit reverse Voltage Transfer Ratio
Copyright 2002 Rev. H
NF1 NF2 NF3 hie hoe hre
Test Conditions VCE = 5 Volts, IC = 500 A, f = 20 MHz VCE = 10 Volts, IC = 1 mA, f = 1 kHz VCB = 5 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VCE = 5 Volts, IC = 10 A, Rg = 10 k f = 100 Hz f = 1 kHz f = 10 kHz VCB =5V, IC =1mA, f =1kHz VCB =5V, IC =1mA, f =1kHz VCB =5V, IC=100A, f=1kHz
Min 3 150
Typ
Max 20 600 5
Units
pF
3
5 3 3 30 60 1x10-3
dB
k mhos
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N292002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X